18 series 830 pcb connectors 2.0 mm single row / double row solder tail hard metric pcb receptacles solder tail grid spacing 2.0 2.0 mm receptacle for pins ? 0.40C0.56 mm for corresponding pin connectors see pages 19 and 20 ordering information replace xxx with the number of poles, e.g. 833-93- xxx -10-001 for a double row version with 8 pins per row becomes: 833-93- 016 -10-001 831-91-xxx-10-001 831-93-xxx-10-001 831-99-xxx-10-001 straight receptacle: solder tail, single row availability from: 1 to 50 contacts standard number of contacts 50 833-91-xxx-10-001 833-93-xxx-10-001 833-99-xxx-10-001 straight receptacle: solder tail, double row availability from: 4 to 100 contacts standard number of contacts 100 831-91-xxx-20-001 831-93-xxx-20-001 831-99-xxx-20-001 right angle receptacle: solder tail, single row availability from:1 to 50 contacts standard number of contacts 50 833-91-xxx-20-001 833-93-xxx-20-001 833-99-xxx-20-001 right angle receptacle: solder tail, double row availability from: 4 to 100 contacts standard number of contacts 100 platings sleeve clip pin 91 5 m m sn pb 0.25 m m au 93 5 m m sn pb 0.75 m m au 99 5 m m sn pb 5 m m sn pb
|